|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SHINDENGEN General Purpose Rectifiers SIL Bridges D4SB60L 600V 4A OUTLINE DIMENSIONS Case : 3S (Unit : mm) RATINGS *oeAbsolute Maximum Ratings *f not specified Tl=25*Z) I i Item Symbol Conditions Ratings Unit Storage Temperature Tstg -40*150 *Z Operating Junction TemperatureTj 150 *Z Maximum Reverse Voltage VRM 600 V Average Rectified Forward Current 50Hz sine wave, R-load With heatsink Tc=111*Z A IO 4 50Hz sine wave, R-load Without heatsink Ta=25*Z 2.5 Peak Surge Forward Current IFSM 50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25 *Z 150 A 2 Current Squared Time I t 2ms*...t*10ms*@sj = 25*Z 80 A2s Dielectric Strength Vdis Terminals to case, AC 1 minute 2 kV Mounting Torque R i TOR * ecommended torque : 0.5Nm*j 0.8 Nm *oeElectrical Characteristics *f not specified Tl=25*Z) I i Item Symbol Conditions Ratings Unit Forward Voltage VF I =2A, Pulse measurement, Rating of per diode F Max.0.95 V Reverse Current IR V=V , Pulse measurement, Rating of per diode Max.10 EA R RM Reverse Recovery Time trr I =0.1A,R I =0.1A, Rating of per diode Max.10 Es F AEjc junction to case *@ *@With heatsink Max.5.5 Thermal Resistance AEjl junction to lead *@ *@ Without heatsink Max.6 *Z/W AEja junction to ambient Without heatsink Max.30 Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd D4SB60L Forward Voltage 10 Forward Current IF [A] Tc=150C [TYP] Tc=25C [TYP] 1 Pulse measurement per diode 0.1 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 Forward Voltage VF [V] D4SB60L 10 Forward Power Dissipation Forward Power Dissipation PF [W] 8 SIN 6 4 2 0 0 1 2 3 4 5 6 Average Rectified Forward Current IO [A] Tj = 150C Sine wave D4SB60L 6 Derating Curve Average Rectified Forward Current IO [A] 5 SIN 4 3 2 Heatsink Tc Tc 1 0 0 20 40 60 80 100 120 140 160 Case Temperature Tc [C] Sine wave R-load with heatsink D4SB60L 4 Derating Curve Average Rectified Forward Current IO [A] 3.5 PCB 3 SIN 2.5 2 1.5 1 0.5 0 Soldering land 5mm 0 20 40 60 80 100 120 140 160 Ambient Temperature Ta [C] VR = 600V 0 0 IO VR tp D=tp /T T D4SB60L 200 Peak Surge Forward Capability IFSM 10ms 10ms 1 cycle Peak Surge Forward Current IFSM [A] 150 non-repetitive, sine wave, Tj=25C before surge current is applied 100 50 0 1 2 5 10 20 50 100 Number of Cycles [cycles] |
Price & Availability of D4SB60L |